Electronic Components Datasheet Search
  English  ▼

X  

MB24F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MB24F
Description  2.0A Surface Mount Schottky Bridge,MBF thin package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MB24F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MB24F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MB24F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MB24F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MB24F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MB24F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MB24F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MB24F~MB220F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
2.0A
表面贴装肖特基桥,薄型 MBF 封装。
2.0A Surface Mount Schottky Bridge,MBF thin package.
浪涌电流大,反向电压:40V~200V,正向电流:2.0A,适用于表面贴装。无卤产品。
High Surge Current Capability,Reverse Voltage:40to200V,Forward Current:2.0A,Designed for Surface
Mount Application.Halogen free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - MB24F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB24F YFWDIODE-MB24F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
MB24F YFWDIODE-MB24F Datasheet
495Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Dongguan City Niuhang E...
MB24F NIUHANG-MB24F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
logo
SHIKUES Electronics
MB24F SKTECHNOLGY-MB24F Datasheet
294Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
DONGGUAN YOU FENG WEI E...
MB24F-MBF YFWDIODE-MB24F-MBF Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB24F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS22S TAITRON-MFPS22S Datasheet
153Kb / 4P
2.0A Surface Mount Schottky Rectifier
logo
WILLAS ELECTRONIC CORP
MB22S WILLAS-MB22S Datasheet
191Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
logo
Foshan Blue Rocket Elec...
ABS201 FOSHAN-ABS201 Datasheet
876Kb / 6P
2.0A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
FTB10F-20 FOSHAN-FTB10F-20 Datasheet
870Kb / 6P
2.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
MB14F FOSHAN-MB14F Datasheet
927Kb / 6P
1.0A Surface Mount Schottky Bridge竊똌BF thin package?
logo
Zibo Seno Electronic En...
KABS22 ZSELEC-KABS22 Datasheet
140Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB22F ZSELEC-KMB22F Datasheet
394Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB22S ZSELEC-KMB22S Datasheet
393Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS220S ZSELEC-TS220S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
U20T01 YFWDIODE-U20T01 Datasheet
400Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com