Electronic Components Datasheet Search
  English  ▼

X  

SM6610MH Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM6610MH
Description  CMOS Monolithic Analog Output Temperature Sensor IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6610MH Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6610MH Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6610MH Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SM6610 series
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
− 0.5 to 7.0
V
Input voltage range
VIN
− 0.5 to VDD + 0.5
V
Output voltage range
VOUT
− 0.5 to VDD + 0.5
V
Storage temperature range
Tstg
− 55 to 125
°C
Power dissipation
PD
10
mW
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
AH, LH version
4.0 to 5.5
V
BH, MH version
2.4 to 5.5
V
Operating temperature range
Topr
AH, LH version
− 40 to 100
°C
BH, MH version
VDD = 2.4 to 2.7V
− 20 to 100
°C
VDD = 2.7 to 5.5V
− 40 to 100
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com