Electronic Components Datasheet Search
  English  ▼

X  

SMP9210S Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMP9210S
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9210S Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMP9210S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Advance Information
page 9 of 9
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
AC Operating Characteristics (Over Recommended Operating Conditions)
2.7V to 5.5V
Symbol
Parameter
Conditions
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
100
KHz
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4.0
µs
tBUF
Bus Free Time
Before New Transmission
4.7
µs
tSU:STA
Start Condition Setup Time
4.7
µs
tHD:STA
Start Condtion Hold Time
4.0
µs
tSU:STO
Stop Condition Setup Time
4.7
µs
tAA
Clock Edge to Valid Output
SCL low to Valid SDA (cycle n)
0.3
3.5
µs
tDH
Data Out Hold Time
SCL low (cycle n+1) to SDA change
0.3
µs
tR
SCL and SDA Rise Time
1000
ns
tF
SCL and SDA Fall Time
300
ns
tSU:DAT
Data In Setup Time
250
ns
tHD:DAT
Data In Hold Time
0
ns
TI
Noise Filter SCL & SDA
Noise Suppression
100
ns
tWR
Write Cycle Time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com