Electronic Components Datasheet Search
  English  ▼

X  

SMP9211S Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMP9211S
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9211S Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMP9211S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMP9211S Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Advance Information
page 8 of 8
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Power Supply Current
NV Write
VDD = 5.5V
VDD = 2.7V
mA
Standby or Quiescent
Excluding Current VDD = 5.5V
Through DACs
VDD = 2.7V
µA
Power Down
Total Current
VDD = 5.5V
Including DAC
VDD = 2.7V
µΑ
VDD
Supply Voltage
2.7
5.5
V
VIH
SDA, SCL
0.7xVDD
V
VIL
SDA, SCL
0.3xVDD
V
VOL
SDA
IOL = 3mA
0.4
V
ILI
Input Leakage
VIN = 0 to VDD
10
mA
ILO
Output Leakage
VOUT = 0 to VDD
WEND
Write Endurance
Number of NV Store Operations
1x10
6
NVStores
tDR
Data Retention
NVData Retention
100
Years



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com