Electronic Components Datasheet Search
  English  ▼

X  

RS3MAF Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # RS3MAF
Description  Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

RS3MAF Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  RS3MAF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RS3MAF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
快恢复二极管,反向电压:1000V,正向电流:3.0A,薄型 SMAF 封装。
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
:1000V, Forward Current:3.0A ,SMAF thin
package.
玻璃钝化芯片,反向恢复时间快,无铅符合欧盟 RoHS 指令 2011/65/EU,适用表面贴装。无卤产品。
Glass Passivated Chip Junction, Fast reverse recovery time, Lead free in comply with EU RoHS
2011/65/EU directives, For surface mounted applications. Halogen free product.

一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - RS3MAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS3MAF SUNMATE-RS3MAF Datasheet
308Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Sangdest Microelectroni...
RS3MAF SMC-RS3MAF Datasheet
149Kb / 5P
For surface mounted applications
More results

Similar Description - RS3MAF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
Gulf Semiconductor
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GER20M GULFSEMI-GER20M Datasheet
163Kb / 2P
SURFACE MOUNT AVALANCHE GLASS PASSIVATED RECTIFIER VOLTAGE竊?000V CURRENT竊?.0A
GU1M-E GULFSEMI-GU1M-E Datasheet
151Kb / 2P
SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?1.0A
SBYG23MG GULFSEMI-SBYG23MG Datasheet
122Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?.5A
logo
Foshan Blue Rocket Elec...
RS2AF FOSHAN-RS2AF Datasheet
865Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
RS2MAF FOSHAN-RS2MAF Datasheet
850Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
RS3AF FOSHAN-RS3AF Datasheet
948Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com