Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # US1AF
Description  Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

US1AF Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  US1AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. US1AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. US1AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. US1AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. US1AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. US1AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
US1AF~US1MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
超快恢复二极管,反向电压:50V~1000V,正向电流:1.0A,薄型 SMAF 封装。
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:1.0A,
SMAF thin package.
玻璃钝化芯片,效率高,无铅符合 2011/65/EU 欧盟 RoHS 指令,适用于表面贴装。无卤产品。
Glass Passivated Chip Junction,High efficiency,Lead free in comply with EU ROHS 2011/65/EU
directives,For surface mounted applications. Halogen free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AF YFWDIODE-US2AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Foshan Blue Rocket Elec...
S2AF FOSHAN-S2AF Datasheet
884Kb / 6P
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:2.0A
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
US2AF FOSHAN-US2AF Datasheet
825Kb / 6P
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
logo
Shanghai Yint Electroni...
US3AF YINT-US3AF Datasheet
469Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US5ABF YINT-US5ABF Datasheet
473Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
UF3X HORNBY-UF3X Datasheet
280Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5ABF YFWDIODE-US5ABF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US1AW SKTECHNOLGY-US1AW Datasheet
828Kb / 4P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AG SKTECHNOLGY-US2AG Datasheet
552Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com