Electronic Components Datasheet Search
  English  ▼

X  

1068413 Datasheet(PDF) 2 Page - SICK AG

Part # 1068413
Description  SAFETY LIGHT CURTAINS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1068413 Datasheet(HTML) 2 Page - SICK AG

  1068413 Datasheet HTML 1Page - SICK AG 1068413 Datasheet HTML 2Page - SICK AG 1068413 Datasheet HTML 3Page - SICK AG 1068413 Datasheet HTML 4Page - SICK AG 1068413 Datasheet HTML 5Page - SICK AG 1068413 Datasheet HTML 6Page - SICK AG 1068413 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
EXS-12D6603B020, EXE-12D6603B020 | deTec4 Core Ex
SAFETY LIGHT CURTAINS
Ordering information
System part
Type
Part no.
Sender
EXS-12D6603B020
1068413
Receiver
EXE-12D6603B020
1068412
Included with delivery with every device: 1 system connecting cable with flying leads 30 m in length.
Other models and accessories
www.sick.com/deTec4_Core_Ex
Detailed technical data
Features
System part
Sender/receiver pair in explosion-proof enclosure
Resolution
30 mm
Protective field height
1,200 mm
Scanning range
0 m ... 8 m
Response time
12 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
3,7 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Interfaces
System connection
Connection type Male connector M12, 5-pin
Permitted cable length ≤ 50 m
Status display
LEDs
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet, EtherCAT, EtherNet/IP, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For further information on Flexi Soft, please see sens:Control – safe control solutions product catalog or -> www.sick.com/FlexiSoft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2016-07-04 20:20:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com