Electronic Components Datasheet Search
  English  ▼

X  

1068412 Datasheet(PDF) 4 Page - SICK AG

Part # 1068412
Description  SAFETY LIGHT CURTAINS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1068412 Datasheet(HTML) 4 Page - SICK AG

  1068412 Datasheet HTML 1Page - SICK AG 1068412 Datasheet HTML 2Page - SICK AG 1068412 Datasheet HTML 3Page - SICK AG 1068412 Datasheet HTML 4Page - SICK AG 1068412 Datasheet HTML 5Page - SICK AG 1068412 Datasheet HTML 6Page - SICK AG 1068412 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
EXS-12D6603B020, EXE-12D6603B020 | deTec4 Core Ex
SAFETY LIGHT CURTAINS
Dimensional drawing (Dimensions in mm (inch))
deTec4 Core Ex, 1,200 mm
6.4
(0.25)
9.5
(0.37)
67.5
(2.66)
58.7
(2.31)
161.8
(6.37)
89.6
(3.53)
44.5
(1.75)
142.1
(5.59)
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2016-07-04 20:20:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com