Electronic Components Datasheet Search
  English  ▼

X  

STE01 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # STE01
Description  HCMOS / TTL TCXO/ VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

STE01 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  STE01_13 Datasheet HTML 1Page - Advanced Crystal Technology STE01_13 Datasheet HTML 2Page - Advanced Crystal Technology STE01_13 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
STE01 HCMOS / TTL TCXO/ VCTCXO
TCXO PART NUMBERING
P
B
D
I
E
B
X
S
-PF
STE01
±1
3.3
Int pot
3
Pos
40/60
ppm VDC
°C
HCMOS
%
RoHS
STE01
T23
Stability
TOP °C
v TOP
0+50
D
Polarity
±ppm
0+60
P
None
X
1
P
0+70
E
1.5
O
-10+60
F
2
N
-10+70
C
Commodity Code
2.5
M
-20+70
B
854370 90 80
3
L
-30+70
T
3.5
K
-30+75
W
4
J
-40+80
K
5
F
-40+85
I
Standard
Duty
Cycle
VCC VDC
Frequency
% / %
3.3
B
tuning
S
5
A
Int pot
I
H
None
N
Output
HCMOS
E
TTL
H
Universal
J
TTL/HCMOS
Tape & Reel
B
Mechanical
L
Tuning ±ppm
3
B
None
X
Example
T23 - 2700PBDIEBXSB-PF
27.00MHz
Issue No.
Date:
500
B
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
9 Skr
09/10/2013
ISO9001 Registered
0+50
T23
2700
27.00MHz
40/60
45/55
500
Loose
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz i.e. 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the
first 5 characters are used.
It is important to suffix the part number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com