Electronic Components Datasheet Search
  English  ▼

X  

DLC03 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DLC03
Description  3W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DLC03 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DLC03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DLC03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DLC03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DLC03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
EFFICIENCY
(TYP.)
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SLC03A-05
SLC03B-05
SLC03C-05
SLC03A-12
SLC03B-12
SLC03C-12
SLC03A-15
SLC03B-15
SLC03C-15
DLC03A-05
DLC03B-05
DLC03C-05
DLC03A-12
DLC03B-12
DLC03C-12
DLC03A-15
DLC03B-15
DLC03C-15
12V
(9 ~ 18V)
24V
(18 ~ 36V)
48V
(36 ~ 75V)
15V
±
15V
±
15V
±
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
313mA
156mA
78mA
330mA
154mA
77mA
320mA
154mA
76mA
309mA
153mA
76mA
325mA
158mA
79mA
305mA
156mA
78mA
32mA
20mA
10mA
25mA
10mA
7mA
15mA
10mA
7mA
15mA
10mA
7mA
30mA
20mA
10mA
20mA
10mA
32mA
600mA
600mA
600mA
250mA
250mA
250mA
200mA
200mA
200mA
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 125mA
±
0 ~ 100mA
±
0 ~ 100mA
±
0 ~ 100mA
±
79%
80%
80%
81%
81%
81%
81%
82%
82%
79%
82%
82%
82%
79%
80%
81%
81%
80%
1000 F
μ
1000 F
μ
1000 F
μ
470 F
μ
470 F
μ
470 F
μ
330 F
μ
330 F
μ
330 F
μ
* 220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
* For each output
File Name:SLC03,DLC03-SPEC 2017-06-21
3W DIP Package DC-DC Regulated Converter
SLC03 & DLC03 series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com