Electronic Components Datasheet Search
  English  ▼

X  

LM89CIMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89CIMX
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89CIMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM89CIMX Datasheet HTML 2Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 3Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 4Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 5Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 6Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 7Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 8Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 9Page - National Semiconductor (TI) LM89CIMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SMBus Communication
20041540
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5 mA.
Parasitic components and or ESD protection circuitry are shown in the figure below for the LM89’s pins. The nominal breakdown voltage of D3 is 6.5 V. Care should
be taken not to forward bias the parasitic diode, D1, present on pins: D+, D−. Doing so by more than 50 mV may corrupt a temperature measurements.
Pin Name
PIN #
D1
D2
D3
D4
D5
D6
D7
R1
SNP
ESD CLAMP
V
DD
1
x
D+
2
x
x
xxx
x
D−
3
x
x
xxx
x
T_CRIT_A
4x
x
x
ALERT
6x
x
x
SMBData
7
x
x
x
SMBCLK
8
x
Note: An “x” indicates that the diode exists.
Note 3: See the URL ”http://www.national.com/packaging/“ for other recommendations and methods of soldering surface mount devices.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor. Machine model, 200pF discharged directly into each pin.
Note 5: Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil:
– SOIC-8 = 168˚C/W
– MSOP-8 = 210˚C/W
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the internal power
dissipation of the LM89 and the thermal resistance. See (Note 5) for the thermal resistance to be used in the self-heating calculation.
Note 9: Quiescent current will not increase substantially with an SMBus.
Note 10: This specification is provided only to indicate how often temperature data is updated. The LM89 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 11: Default values set at power up.
Note 12: The output rise time is measured from (VIN(0)max + 0.15V) to (VIN(1)min − 0.15V).
Note 13: The output fall time is measured from (VIN(1)min - 0.15V) to (VIN(1)min + 0.15V).
Note 14: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM89’s SMBus state machine, therefore setting
SMBData and SMBCLK pins to a high impedance state.
20041513
FIGURE 1. ESD Protection Input Structure
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com