Electronic Components Datasheet Search
  English  ▼

X  

STN488DN Datasheet(PDF) 1 Page - Stanson Technology

Part # STN488DN
Description  N Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN488DN Datasheet(HTML) 1 Page - Stanson Technology

  STN488DN Datasheet HTML 1Page - Stanson Technology STN488DN Datasheet HTML 2Page - Stanson Technology STN488DN Datasheet HTML 3Page - Stanson Technology STN488DN Datasheet HTML 4Page - Stanson Technology STN488DN Datasheet HTML 5Page - Stanson Technology STN488DN Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STN488DN
N Channel Enhancement Mode MOSFET
100A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN488DN 2016 V1
DESCRIPTION
STN488DN uses Trench MOSFET technology that is uniquely optimized to provide the
most efficient nigh frequency switching performance. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION
POWER PACK 5x6
D
D
D
D
S
S
S
G
Y:Year Code
A:Date Code
B:Package Code
C:Process Code
FEATURE
l
40V/25A, RDS(ON) = 2.2mΩ
@VGS = 10V
l
40V/12A, RDS(ON) = 2.6mΩ
@VGS = 4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and
maximum DC current capability
l
PPAK5x6 package design


Similar Part No. - STN488DN

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4822 STANSON-STN4822 Datasheet
516Kb / 6P
STN4822 is the Dual N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN4826 STANSON-STN4826 Datasheet
686Kb / 6P
Dual N Channel Enhancement Mode MOSFET
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN4828 VBSEMI-STN4828 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Semtron Microtech Corpo...
STN4842 SEMTRON-STN4842 Datasheet
383Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
Rev.2.1
More results

Similar Description - STN488DN

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com