Electronic Components Datasheet Search
  English  ▼

X  

STP4441 Datasheet(PDF) 1 Page - Stanson Technology

Part # STP4441
Description  P Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP4441 Datasheet(HTML) 1 Page - Stanson Technology

  STP4441 Datasheet HTML 1Page - Stanson Technology STP4441 Datasheet HTML 2Page - Stanson Technology STP4441 Datasheet HTML 3Page - Stanson Technology STP4441 Datasheet HTML 4Page - Stanson Technology STP4441 Datasheet HTML 5Page - Stanson Technology STP4441 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP4441
P Channel Enhancement Mode MOSFET
-10A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
.
STP4441 2010. V1
SCRIPTION
STP4441 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application, noteook power management ane ther
battery powered circuits where high-side witching.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
Y:Year Code
A:Date Code
B:Wafer Code
FEATURE
l
-60V/-10.0A, RDS(ON) = 55mΩ (Typ.)
@VGS =-10V
l
-60V/-5.0A, RDS(ON) = 73mΩ
@VGS = -4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
SOP-8 package design


Similar Part No. - STP4441

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4407 STANSON-STP4407 Datasheet
545Kb / 6P
The STP4407 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
STP4407 VBSEMI-STP4407 Datasheet
898Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP4407A DOINGTER-STP4407A Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP4407A VBSEMI-STP4407A Datasheet
898Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STP4441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com