Electronic Components Datasheet Search
  English  ▼

X  

SP8M9 Datasheet(PDF) 4 Page - Rohm

Part # SP8M9
Description  Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M9 Datasheet(HTML) 4 Page - Rohm

  SP8M9 Datasheet HTML 1Page - Rohm SP8M9 Datasheet HTML 2Page - Rohm SP8M9 Datasheet HTML 3Page - Rohm SP8M9 Datasheet HTML 4Page - Rohm SP8M9 Datasheet HTML 5Page - Rohm SP8M9 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP8M9
Transistors
4/5
N-ch
Electrical characteristic curves
10
100
1000
10000
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE : VDS (V)
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
1000
10000
100
Ta
=25°C
VDD
=15V
VGS
=10V
RG
=10Ω
Pulsed
Fig.2 Switching Characteristics
tr
tf
td (off)
td (on)
0
5
10
15
20
25
30
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
9
10
Ta
=25°C
VDD
=15V
ID
=9A
RG
=10Ω
Pulsed
Fig.3 Dynamic Input Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.001
0.01
0.1
1
10
GATE-SOURCE VOLTAGE : VGS (V)
Fig.4 Typical Transfer Characteristics
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VDS
=10V
Pulsed
02468
10
12
14
16
GATE-SOURCE VOLTAGE : VGS (V)
0
50
100
150
200
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
=9A
ID
=4.5A
0.01
0.1
1
10
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
Fig.6 Source Current vs.
Source-Drain Voltage
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
100
1000
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι)
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=10V
Pulsed
0.1
1
10
DRAIN CURRENT : ID (A)
1
10
100
1000
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=4.5V
Pulsed
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ)
0.1
1
10
VGS
=4V
Pulsed
1
10
100
1000
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
DRAIN CURRENT : ID (A)
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com