Electronic Components Datasheet Search
  English  ▼

X  

GPTP3182 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPTP3182
Description  PHASE CONTROLLED SCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTP3182 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPTP3182 Datasheet HTML 1Page - Green Power Solutions srl GPTP3182 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTP3182.pdf
GPTP3182
PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives
VOLTAGE UP TO
2200 V
AVERAGE CURRENT
1825 A
SURGE CURRENT
26 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2200
V
VRSM
Non-repetitive peak reverse voltage
2200
V
VDRM
Repetitive peak off-state voltage
2300
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
150
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
150
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
1825
A
IT(RMS)
R:M:S on-state current
Sine wave,180° conduction, Th = 55 °C
2865
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
26
kA
I²t
I² t for fusing coordination
3380
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
0.992
V
rT
On-state slope resistance
Tj = Tjmax
0.206
m
W
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = Tjmax
1.40
V
IH
Holding current, typ
Tj = 25 °C
200
mA
IL
Latching current, typ
Tj = 25 °C
450
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3.0
V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
250
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.3
V
PGM
Peak gate power dissipation
Pulse width 100 µs
150
W
PG(AV)
Average gate power dissipation
3
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
12
V
VRGM
Peak gate voltage (reverse)
10
V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
1000
V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs
µs
VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.015
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.006
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
22
kN
Mass
520
g
Document GPTP3182T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Similar Part No. - GPTP3182

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTP3180 GPSEMI-GPTP3180 Datasheet
121Kb / 2P
PHASE CONTROLLED SCR
GPTP3180 GPSEMI-GPTP3180_17 Datasheet
334Kb / 2P
PHASE CONTROLLED SCR
More results

Similar Description - GPTP3182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GETG0105 GPSEMI-GETG0105 Datasheet
114Kb / 2P
PHASE CONTROLLED SCR
GETG0130 GPSEMI-GETG0130 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
GETG2043 GPSEMI-GETG2043 Datasheet
116Kb / 2P
PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
PHASE CONTROLLED SCR
GPTK1155 GPSEMI-GPTK1155 Datasheet
124Kb / 2P
PHASE CONTROLLED SCR
GPTN2115 GPSEMI-GPTN2115 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTP2190 GPSEMI-GPTP2190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
GPTP3180 GPSEMI-GPTP3180 Datasheet
121Kb / 2P
PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com