Electronic Components Datasheet Search
  English  ▼

X  

PI3A3160 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A3160
Description  3.0V, SOTiny??0.4??Dual SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3160 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A3160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A3160 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8711D
07/21/04
PI3A3160
3.0V, SOTiny™ 0.4Ω
Dual SPDT Analog Switch
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ∆RON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 4.
8. Between any two switches. See Figure 5.
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Description
Param-
eters
Test Conditions
Temp (ºC) Min.(1)
Typ.(2)
Max.(1)
Units
Logic Input
Input High Voltage
VIH
Guaranteed logic High Level
Full
1.4
V
Input Low Voltage
VIL
Guaranteed logic Low Level
0.5
Input Current with Voltage
High
IINH
VIN = 1.4V, all others = 0.5V
–1
1
µA
Input Current with Voltage
Low
IINL
VIN = 0.5V, all other = 1.4V
–1
1
Dynamic
Turn-On Time
tON
VCC = 3.3V, VNO or
VNC = 2.0V, Figure 1
25
20
ns
Full
25
Turn-Off Time
tOFF
25
12
Full
15
Break-Before-Make
tBBM
VNO or VNC = 1.5V,
RL = 50Ω,
CL = 35pF, See Figure 8
25
1
12
Full
1
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 2
25
100
pC
Off Isolation(7)
OIRR
RL = 50Ω, f = 100KHz, Figure 3
-27
dB
Cross Talk(8)
XTALK
RL = 50Ω, f = 100KHz, Figure 4
-41
NC or NO Capacitance
C(OFF)
f = 1MHz, Figure 5
56
pF
COM Off Capacitance
CCOM(OFF)
56
COM On Capacitance
CCOM(ON) f = 1MHz, Figure 6
160
Supply
Power-Supply Range
VCC
Full
1.5
3.6
V
Positve Supply Current
ICC
VCC = 3.6V, VIN = 0V or VCC
25
0.3
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com