Electronic Components Datasheet Search
  English  ▼

X  

2SA950 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SA950
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA950 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA950 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA950 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA950 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA950 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SA950
TRANSISTOR (PNP)
FEATURES
1W
Output Applications
Complementary to 2SC2120
MAXIMUM RATINGS (
Ta=25
unless otherwise noted
℃
)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-35
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.8
A
PC
Collector Power Dissipation
0.6
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55 to +150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA , IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -0.1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -35V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
μA
hFE(1)
VCE=-1V, IC=-100mA
100
320
DC current gain
hFE(2)
VCE=-1V, IC= -700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC= -500mA, IB= -20mA
-0.7
V
Emitter-base voltage
VBE
VCE=-1V, IC=-10mA
-0.5
-0.8
V
Collector Output Capacitance
Cob
VCB=-10V,IE=0
f=1MHz
19
pF
Transition frequency
fT
VCE=-5V,IC=-10mA
120
MHz
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
100-200
160-320
TO-92
1.EMITTER
2. COLLECTOR
3. BASE
www.cj-elec.com
1
,
,2015


Similar Part No. - 2SA950

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950 Datasheet
136Kb / 2P
TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA950 TEL-2SA950 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950 Datasheet
304Kb / 3P
Audio Power Amplifier Applications
logo
Dc Components
2SA950 DCCOM-2SA950 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA950 SECOS-2SA950 Datasheet
344Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA950

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com