Electronic Components Datasheet Search
  English  ▼

X  

PI5C3253 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3253
Description  Dual 4:1 Mux/DeMux Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3253 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3253 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3253 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3253 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3253 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3253 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3253 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS7017C
09/14/04
PI5C3253
Dual 4:1 Mux/DeMux Bus Switch
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Pin compatible with 74 series 253 logic devices
• Packaging (Pb-free & Green available):
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 300-mil wide plastic SOIC (S)
– 16-pin 150-mil wide plastic SOIC (W)
– 16-pin 173-mil wide plastic TSSOP (L)
Block Diagram
Truth Table(1)
Enable
Select
EA
EB
S1
S0
YA
YB
Function
H
X
X
X
Hi-Z
X
Disable A
X
H
X
X
X
Hi-Z
Disable B
L
L
L
L
IA0
IB0
S1-0 = 0
L
L
L
H
IA1
IB1
S1-0 = 1
L
L
H
L
IA2
IB2
S1-0 = 2
L
L
H
H
IA3
IB3
S1-0 = 3
Description
Pericom Semiconductor’s PI5C3253 is a Dual 4:1 Multiplexer/
demultiplexer with three-state outputs that is pinout compatible
with the PI74FCT253T, 74F253, and 74ALS/AS/LS 253. Inputs
can be connected to outputs with low on resistance (5Ω) with no
additional ground bounce noise or propagation delay.
Pin Configuration
Pin Description
Pin Name
Description
IAn, IBn
Data Inputs
S0–1
Select Inputs
EA, EB
Enable
YA, YB
Data Outputs
GND
Ground
VCC
Power
Note:
1. H = High Voltage Level, L = Low Voltage Level
EA
IA0 IA1 IA2 IA3 IB0 IB1 IB2 IB3
EB
S0
S1
YA
YB
VCC
EA
1
EB
S1
2
S0
IA3
3
IB3
IA2
4
IB2
IA1
5
16
IB1
IA0
6
15
IB0
YA
7
14
YB
8
13
12
GND
11
10
9


Similar Part No. - PI5C3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253CL PERICOM-PI5C3253CL Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253CLE PERICOM-PI5C3253CLE Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3253LE PERICOM-PI5C3253LE Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
PI5C3253QE PERICOM-PI5C3253QE Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5C3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
3:1 Mux/Demux Bus Switch
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
PI5C3253QEX PERICOM-PI5C3253QEX Datasheet
499Kb / 7P
Dual 4:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com