Electronic Components Datasheet Search
  English  ▼

X  

EXP8602 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # EXP8602
Description  81GHz ??86GHz Medium Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

EXP8602 Datasheet(HTML) 1 Page - Integrated Device Technology

  EXP8602 Datasheet HTML 1Page - Integrated Device Technology EXP8602 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
81GHz – 86GHz Medium Power
Amplifier
EXP8602
Produc
t Brief
© 2017 Integrated Device Technology, Inc.
1
June 1, 2017
GeneralDescription
The EXP8602 is a GaAs MMIC power amplifier
designedfor50-Ohmsystems,andspecifiedfor
operationinthe81to86GHzrangeofE-Band.
The EXP8602 enables delivery of 23dBm RF
output power when driven to 3dB of gain
compression,andmaintainsgoodlinearitywell
below the onset of gain compression. Typical
small-signal gain is 19dB with flatness of
±0.75dB over a 1.25GHz window. DCpower
consumptionisaslowas2.2W.
The EXP8602 also provides a built-in E-Band
power detector, and internally de-couples DC
from RF input and output ports to simplify
system-leveldesign.
Applications
• Point-to-pointE-bandradios
• Testandmeasurementequipment
Features
• 81to86GHzFrequencyRange
• 19dBNominalGain
• 32.5dBmNominalIP3
• 21.5dBmNominalP-1dB
• 23dBmNominalP-3dB
• 4V,550mANominalQuiescentDrainBias
• 4.17mm×1.87mmDieSize
OrderingInformation
Part
Description
EXP8602-DNT
RoHScompliantbare
dieingelpacks
Forprice,deliveryschedules,andtoplaceorders,
pleasecontactIDT:www.IDT.com/go/sales
DeviceDiagram
Figure1:Devicediagram


Similar Part No. - EXP8602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
EXP8603-DNT IDT-EXP8603-DNT Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
More results

Similar Description - EXP8602

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
logo
United Monolithic Semic...
CHA2080-98F UMS-CHA2080-98F_15 Datasheet
411Kb / 12P
71-86GHz Low Noise Amplifier
CHA3090-98F UMS-CHA3090-98F_15 Datasheet
448Kb / 12P
81-86GHz Medium Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com