Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3170FE2R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSSC3170FE2R
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170FE2R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSSC3170FE2R Datasheet HTML 3Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 4Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 5Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 6Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 7Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 8Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 9Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 10Page - Integrated Device Technology ZSSC3170FE2R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
7
May 30, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.2
Analog Front End (see section 2.3
)
1.3.2.1
Input Voltage Range
VIN_SPAN
Analog gain: 2.8 to 420
1
275
mV/V
1.3.2.2
Maximum Bridge Sensor
Offset Compensation
OC
Depending on selected gain
(see Table 2.3)
388
%
VIN_SPAN
1.3.2.3
Bridge Input Current
Difference
1)
IIN_DIFF
TAMB = -25°C to 85°C
-2
2
nA
1.3.2.4
Common Mode Input
Voltage Range
VIN_CM
Dependent on selected gain,
XZC off (see Table 2.2);
see 1.3.1.4 for VVBR
0.29
0.65
VVBR
1.3.3
Temperature Measurement (see section 2.4)
1.3.3.1
External Temperature
Diode Channel Gain
ATSED
FS = Full Scale
300
1300
ppm
FS/mV
1.3.3.2
External Temperature
Diode Bias Current
ITSED
10
20
40
A
1.3.3.3
External Temperature
Diode Input Range
1)
VTSED
Relative to VVBR_T
0
1.5
V
1.3.3.4
External Temperature
Resistor Channel Gain
ATSER
1200
4500
ppm
FS/
(mV/V)
1.3.3.5
External Temperature
Resistor Input Range
1)
VTSER
Relative to VVDDA-VVSSA
70%
VVDDA-VVSSA
100%
VVDDA-VVSSA
V
1.3.3.6
Internal Temperature
Diode Sensitivity
STTSI
Raw values, without
conditioning calculation
700
2700
ppm
FS/K
1.3.4
Sensor Diagnostic Tasks
2)
1.3.4.1
Sensor Connection Loss
Resistance Threshold
RSCCTH
20
100
k
W
1.3.4.2
Maximum Input
Capacitance for
Sensor Connection Check
CSCC
Maximum: 10nF + 20%
If Sensor Short Check is
enabled, the Sensor
Connection Check High-
Capacitances Mode must
also be enabled.
(Also see 1.3.4.3.)
12
nF
1.3.4.3
Maximum Input
Capacitance for Sensor
Connection Check with
Sensor Short Check and
Sensor Aging Check
Enabled
CSCCSSC/SAC
Maximum: 1nF + 20%
For using Sensor Short
Check and Sensor Aging
Check at the same time.
1.2
nF
1.3.4.4
Sensor Input Short
Resistance Threshold
RSSCTH
50
1000
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com