Electronic Components Datasheet Search
  English  ▼

X  

MDS01 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MDS01
Description  1W SIP Package DC-DC Medical Grade Unregulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDS01 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MDS01 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDS01 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDS01 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDS01 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDS01 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
MDS01L-03
MDS01L-05
MDS01M-05
MDS01N-05
MDS01L-12
MDS01M-12
MDS01N-12
MDS01L-15
MDS01M-15
MDS01N-15
MDD01L-05
MDD01M-05
MDD01N-05
MDD01L-12
MDD01L-09
MDD01M-12
MDD01M-09
MDD01N-12
MDD01N-09
MDD01L-15
MDD01M-15
MDD01N-15
Normal 5V
(4.5 ~ 5.5V)
Normal 12V
(10.8 ~ 13.2V)
Normal 24V
(21.6 ~ 26.4V)
3.3V
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
9V
±
12V
±
9V
±
12V
±
9V
±
15V
±
15V
±
15V
±
260mA
260mA
105mA
55mA
260mA
105mA
55mA
55mA
55mA
56mA
55mA
57mA
265mA
105mA
260mA
105mA
265mA
260mA
114mA
105mA
275mA
114mA
25mA
25mA
15mA
15mA
15mA
14mA
22mA
14mA
22mA
9mA
40mA
9mA
9mA
9mA
10mA
9mA
11mA
45mA
25mA
40mA
35mA
45mA
31 ~ 303mA
20 ~ 200mA
20 ~ 200mA
20 ~ 200mA
9 ~ 84mA
9 ~ 84mA
9 ~ 84mA
7 ~ 67mA
7 ~ 67mA
7 ~ 67mA
10 ~ 100mA
±
10 ~ 100mA
±
10 ~ 100mA
±
5 ~ 42mA
±
5 ~ 42mA
±
5 ~ 42mA
±
6 ~ 56mA
±
6 ~ 56mA
±
6 ~ 56mA
±
4 ~ 34mA
±
4 ~ 34mA
±
4 ~ 34mA
±
73%
78%
78%
77%
77%
82%
79%
79%
77%
77%
79%
77%
75%
83%
79%
78%
77%
81%
75%
82%
77%
76%
1000 F
μ
1000 F
μ
1000 F
μ
1000 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
File Name:MDS01,MDD01-SPEC 2017-07-14
EFFICIENCY
(TYP.)
* For each output
1W SIP Package DC-DC Medical Grade Unregulated Converter
MDS01 & MDD01 series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com