Electronic Components Datasheet Search
  English  ▼

X  

MDS02 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MDS02
Description  2W SIP Package DC-DC Medical Grade Unregulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDS02 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MDS02 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDS02 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDS02 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDS02 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDS02 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
MDS02L-05
MDS02M-05
MDS02N-05
MDS02L-12
MDS02M-12
MDS02N-12
MDS02L-15
MDS02M-15
MDS02N-15
MDD02L-05
MDD02M-05
MDD02N-05
MDD02L-12
MDD02L-09
MDD02M-12
MDD02M-09
MDD02N-12
MDD02N-09
MDD02L-15
MDD02M-15
MDD02N-15
Normal 5V
(4.5 ~ 5.5V)
Normal 12V
(10.8 ~ 13.2V)
Normal 24V
(21.6 ~ 26.4V)
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
9V
±
12V
±
9V
±
12V
±
9V
±
15V
±
15V
±
15V
±
510mA
215mA
106mA
510mA
205mA
103mA
100mA
106mA
103mA
103mA
103mA
510mA
200mA
500mA
210mA
510mA
500mA
205mA
205mA
510mA
205mA
35mA
15mA
16mA
17mA
17mA
18mA
21mA
24mA
8mA
47mA
9mA
9mA
11mA
11mA
11mA
12mA
65mA
35mA
60mA
47mA
65mA
40 ~ 400mA
40 ~ 400mA
40 ~ 400mA
17 ~ 167mA
17 ~ 167mA
17 ~ 167mA
13 ~ 133mA
13 ~ 133mA
13 ~ 133mA
20 ~ 200mA
±
20 ~ 200mA
±
20 ~ 200mA
±
9 ~ 83mA
±
9 ~ 83mA
±
9 ~ 83mA
±
12 ~ 111mA
±
12 ~ 111mA
±
12 ~ 111mA
±
7 ~ 67mA
±
7 ~ 67mA
±
7 ~ 67mA
±
77%
75%
80%
80%
83%
83%
85%
77%
82%
83%
82%
79%
84%
78%
78%
78%
81%
83%
83%
79%
82%
1000 F
μ
1000 F
μ
1000 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
470 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
*470 F
μ
*470 F
μ
*470 F
μ
*220 F
μ
*220 F
μ
*220 F
μ
File Name:MDS02,MDD02-SPEC 2017-07-14
EFFICIENCY
(TYP.)
* For each output
2W SIP Package DC-DC Medical Grade Unregulated Converter
MDS02 & MDD02 series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com