Electronic Components Datasheet Search
  English  ▼

X  

ASL21X Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2017
ASL21X
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
0
1
2
3
4
5
L3
L1
GND
ASB Inc.
C1
C2
C4
GND
VCTL
http://www.asb.co.kr
L4
VS
RF OUT
R1
RF IN
EB-SOT363-ASL21X-V6
C3
L2
C2:0.5pF
L2:4.7nH
C1:100pF
C4:1uF
R1:0ohm
L3:7.5nH
C3:1uF
L1:6.8nH
L4:4.7nH
ASL21X
RF IN
RF OUT
VS = +3 V
VCTL
Frequency (MHz)
1559 ~ 1610
Magnitude S21 (dB)
23.5
Magnitude S11 (dB)
-15
Magnitude S22 (dB)
-15
Noise Figure (dB)
0.65
Input IP3 (dBm) 1)
-14
Output P1dB (dBm)
0
Supply Current (mA)
11
Supply Voltage (V)
+3
1) IIP3 is measured with two tones at an input power of -40
dBm/tone separated by 1MHz
APPLICATION CIRCUIT
Schematic
S-parameters & K-factor
Robust ESD (
 3 kV)1)
GPS, GLONASS, Galileo, Compass
1559 ~ 1610 MHz
+3 V / 11 mA
Without Power ON/OFF Function
1) Test Method: Contact discharge on RF input. Applying
10 times repeated voltage at 1 sec time Interval.
Board Layout (FR4, 20x20 mm2, 0.8T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com