Electronic Components Datasheet Search
  English  ▼

X  

1215813 Datasheet(PDF) 7 Page - SICK AG

Part # 1215813
Description  SAFETY LIGHT CURTAINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1215813 Datasheet(HTML) 7 Page - SICK AG

Back Button 1215813 Datasheet HTML 2Page - SICK AG 1215813 Datasheet HTML 3Page - SICK AG 1215813 Datasheet HTML 4Page - SICK AG 1215813 Datasheet HTML 5Page - SICK AG 1215813 Datasheet HTML 6Page - SICK AG 1215813 Datasheet HTML 7Page - SICK AG 1215813 Datasheet HTML 8Page - SICK AG 1215813 Datasheet HTML 9Page - SICK AG 1215813 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
C4P-SA09030A001200, C4P-EA09030A001200 | deTec4 Prime
SAFETY LIGHT CURTAINS
deTec4 Prime safety light curtain cascade to UE10-3OS safety relay
1
2
3
5
6
4
7
8
1
2
3
4
5
6
7
8
B1
Y1
B3
13
23
33
41
B2
Y2
B4
14
24
34
42
1)
0 V
4) PELV
2)
3)
+24 V
UE10-3OS
n.c.
+24 V
n.c.
In2
n.c.
In1
0 V
Com1
RES
+24 V
ADO
OSSD1
OSSD2
EDM
0 V
Com1
deTec4 Prime
r
s
E132954/00/2015-04-07
①  Output circuits. These contacts must be incorporated into the control such that the dangerous state is brought to an end if the output circuit is
open. For categories 4 and 3, they must be incorporated on two channels (x, y paths). Single-channel incorporation into the control (z path) is only
possible with a single-channel control and taking the risk analysis into account.
②  Connection of the 5-pin extension connection of the host device to the 5-pin system connection of the guest device.
③  To indicate the status on both sides, the Com1 connections from the sender and receiver must be connected to each other in the control cabi-
net (optional).
④  SELV/PELV safety/protective extra-low voltage.
2017-08-21 16:38:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com