Electronic Components Datasheet Search
  English  ▼

X  

STRM6511 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STRM6511
Description  OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRM6511 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STRM6511 Datasheet HTML 1Page - Allegro MicroSystems STRM6511 Datasheet HTML 2Page - Allegro MicroSystems STRM6511 Datasheet HTML 3Page - Allegro MicroSystems STRM6511 Datasheet HTML 4Page - Allegro MicroSystems STRM6511 Datasheet HTML 5Page - Allegro MicroSystems STRM6511 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STR-M6511
OFF-LINE
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
Rtoff
OSC.
TSD
OVER-VOLT.
PROTECT
COMMON
3
R
SQ
V
IN
FDBK
OVER-CURRENT
PROTECTION
SOURCE
DRAIN
Rton
REF.
FAULT
LATCH
5
1
2
4
6
Dwg. FK-002
TRIGGER
0.01
µF
FAULT-LATCH
TRIGGER
& SOFT
START
7
0.75 V
+
UVLO
1000 pF
60
40
20
20
60
100
2.8 W
140
LIMITED BY FRAME
TEMP. = +125
°C MAX.
RECOMMENDED MAX.
FRAME TEMP. = +100
°C
FREE AIR
54 W
0
TEMPERATURE in
°C
MOUNTING SURFACE
TEMPERATURE
Dwg. GK-003-1
LIMITED
BY rDS(on)
100
10
1.0
0.1
DRAIN-TO-SOURCE VOLTAGE in VOLTS
Dwg. GK-004-2
0.3
3.0
30
3.0
10
30
100
300
NO HEAT SINK
NATURAL COOLING
T
= +25
°C
A
t
= 10
ms
SINGLE
PULSE
w
t
= 1
ms
SINGLE
PULSE
w
t
= 0.1
ms
SINGLE
PULSE
w
FUNCTIONAL BLOCK DIAGRAM
ALLOWABLE PACKAGE POWER DISSIPATION
MAXIMUM SAFE OPERATING AREA
Copyright © 1994 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com