Electronic Components Datasheet Search
  English  ▼

X  

ASL13C Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL13C
Description  MMIC Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13C Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL13C_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13C_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL13C
5 ~ 3000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
12
13
S11
dB
-18
S22
dB
-12
Output IP3
dBm
34.5
36.5
Noise Figure
dB
0.75
0.95
Output P1dB
dBm
20
22
Current
mA
59
Device Voltage
V
+4.5
Please find the max. input power data from Please find
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
Parameters
Units
Typical
Frequency
MHz
824 ~ 960
1920 ~ 2170
Gain
dB
18.5
13.0
S11
dB
-18
-16
S22
dB
-10
-10
Output IP31)
dBm
34.5
36.5
Noise Figure
dB
0.85
0.75
Output P1dB
dBm
22
22
Current
mA
59
59
Device Voltage
V
+4.5
+4.5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
 matched as in 2000 MHz application circuit)*
+22 dBm
Thermal Resistance
184
C/W
Features
Description
Package Style: SOT363
Typical Performance
Absolute Maximum Ratings
 13 dB Gain at 2000 MHz
 22 dBm P1dB at 2000 MHz
 37 dBm OIP3 at 2000 MHz
 0.75 dB NF at 2000 MHz
 MTTF > 100 Years
 Single Supply
The ASL13C is a wideband linear low noise amplifi-
er MMIC, has a low noise and high linearity at low
bias current, being suitable for use in both receiver
and transmitter of telecommunication systems up to
3 GHz. S11 down to
–20 dB is easily achieved for
low noise application to provide a good productivity.
The amplifier is available in a SOT363 package and
passes through the stringent DC, RF, and reliability
tests.
Application Circuit
CDMA & GSM
WCDMA
TETRA
IF
FM, DVB, DMB
2000 MHz (3.3 V, 59 mA)
2100 ~ 2400 MHz (5 V, 59 mA)
IF (30 ~ 600 MHz)
Product Specifications
Pin Configuration
Pin No.
Function
1
RF IN
4
RF OUT & Bias
2,3,5,6
GND


Similar Part No. - ASL13C_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_15 Datasheet
1Mb / 13P
5 ~ 3000 MHz MMIC Amplifier
December 2014
More results

Similar Description - ASL13C_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com