Electronic Components Datasheet Search
  English  ▼

X  

OPB618 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB618
Description  Photologic Slotted Optical Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB618 Datasheet(HTML) 2 Page - TT Electronics.

  OPB618 Datasheet HTML 1Page - TT Electronics. OPB618 Datasheet HTML 2Page - TT Electronics. OPB618 Datasheet HTML 3Page - TT Electronics. OPB618 Datasheet HTML 4Page - TT Electronics. OPB618 Datasheet HTML 5Page - TT Electronics. OPB618 Datasheet HTML 6Page - TT Electronics. OPB618 Datasheet HTML 7Page - TT Electronics. OPB618 Datasheet HTML 8Page - TT Electronics. OPB618 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPB 616/626/666N Buffered Open-Collector
OPB615/625/665N Buffered 10K Pull-Up
OPB615, OPB616, OPB617, OPB618
Pin Color/
Number
Description
1
Anode
2
Cathode
3
Vcc
4
Output
5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com