Electronic Components Datasheet Search
  English  ▼

X  

TCS230D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TCS230D
Description  PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCS230D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TCS230D Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS230D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TCS230
PROGRAMMABLE
COLOR LIGHT TOFREQUENCY CONVERTER
TAOS046 – JANUARY 2003
7
The
LUMENOLOGY
r Company
t
t
Copyright
E 2003, TAOS Inc.
www.taosinc.com
MECHANICAL INFORMATION
PACKAGE D
PLASTIC SMALL-OUTLINE PACKAGE
12
3
4
5
6
7
8
DETAIL A
A
3.5
5 + 3.55 – 75
0.825
+ 0.425
0.215
+ 0.035
5.1
+ 0.10
4.1
+ 0.12
2
y 0.65 + 0.10
6
y 1.27 + 0.10
7.3
+ 0.20
8
y 0.175 + 0.175
8
y 0.65 + 0.12
1.8
+ 0.200
NOTES: A. All linear dimensions are in millimeters.
B. Package is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
C. Actual product will vary within the mechanical tolerances shown on this specification. Designs for use of this product MUST allow
for the data sheet tolerances.
D. Pin 4 (GND) is mechanically connected to the die mount pad.
E. The 8
× 8 photodiode array area is 1.15 mm × 1.15 mm (1.33 sq. mm).
F. This drawing is subject to change without notice.
Figure 3. TCS230 Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com