Electronic Components Datasheet Search
  English  ▼

X  

ASL226 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL226
Description  MMIC LNA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL226 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL226 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL226 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7223
June 2017
ASL226
700-6000MHz MMIC LNA
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
Top
R1
(ohm)
Vd
(V)
Id
(mA)
Gain
(dB)
OIP3
(dBm)
P1
(dBm)
NF
(dB)
180
1.8
6.5
24.2
14.3
6.4
1.03
160
1.8
6
23.9
14
7
1.05
120
1.8
5.5
23.6
13.1
7.2
1.07
100
1.8
5
23.5
12.6
7.3
1.09
Schematic
S-parameters
APPLICATION CIRCUIT
Board Layout (FR4, 14x11.3 mm2, 0.8T)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 1.575 GHz
23.5
dB
Noise Figure
NF
F = 1.575 GHz
1.1
dB
Input Return Loss
RLin
F = 1.575 GHz
-14
dB
Output Return Loss
RLout
F = 1.575 GHz
-16
dB
Reverse Isolation
ISO
F = 1.575 GHz
-35
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 1.575 GHz
6
dBm
3rd Intercept Point
Output Power 1)
OIP3
F = 1.575 GHz
14
dBm
Current
Id
F = 1.575 GHz,
Non-RF
6.5
mA
Bottom
Gain & OIP3 & P1 & NF Vs. R1
1400
1450
1500
1550
1600
1650
1700
1750
1800
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
S12
S22
S11
S21
Frequency [MHz]
* Note: C2 must be placed as close as possible to the device.
GPS/GLONASS/Galileo/Compass
1559 MHz ~ 1610 MHz
+1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com