Electronic Components Datasheet Search
  English  ▼

X  

TCMT4100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCMT4100
Description  Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT4100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCMT4100 Datasheet HTML 1Page - Vishay Siliconix TCMT4100 Datasheet HTML 2Page - Vishay Siliconix TCMT4100 Datasheet HTML 3Page - Vishay Siliconix TCMT4100 Datasheet HTML 4Page - Vishay Siliconix TCMT4100 Datasheet HTML 5Page - Vishay Siliconix TCMT4100 Datasheet HTML 6Page - Vishay Siliconix TCMT4100 Datasheet HTML 7Page - Vishay Siliconix TCMT4100 Datasheet HTML 8Page - Vishay Siliconix TCMT4100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCMT4100, TCMT4106
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 19-Jan-16
1
Document Number: 84181
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Quad Channel,
Half Pitch Mini-Flat Package
DESCRIPTION
The TCMT410. series consist of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
16 pin (quad channel) package.
FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) selected into groups
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Programmable logic controllers
•Modems
• Answering machines
• General applications
AGENCY APPROVALS
Safety application model number covering all products in
this datasheet is TCMT4100. This model number should be
used when consulting safety agency documents.
• UL1577, file no. E76222, double protection
• cUL, accordance to CSA component acceptance service
no. 5A, double protection
• DIN EN 60747-5-5 (VDE 0884-5)
• FIMKO EN 60950-1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)
Notes
• Available only on tape and reel.
(1) Product is rotated 180° in tape and reel cavity.
1
2
89
A
C
C
E
22775
ORDERING INFORMATION
T
C
M
T
4
10#
PART NUMBER
AGENCY CERTIFIED/PACKAGE
CTR (%)
5 mA
UL, cUL, FIMKO, BSI, VDE, CQC
50 to 600
100 to 300
SSOP-16, quad channel
TCMT4100
TCMT4106
SSOP-16, quad channel
TCMT4100T0 (1)
-
SSOP-16


Similar Part No. - TCMT4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT4100 VISHAY-TCMT4100 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
TCMT4100 VISHAY-TCMT4100 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100 VISHAY-TCMT4100 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100T0 VISHAY-TCMT4100T0 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results

Similar Description - TCMT4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6916 VISHAY-SFH6916_08 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
16-May-08
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
23-May-13
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
10-Mar-16
SFH6916 VISHAY-SFH6916 Datasheet
140Kb / 7P
Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
12-Apr-13
SFH6916 VISHAY-SFH6916_V01 Datasheet
326Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
SFH6916 VISHAY-SFH6916_V02 Datasheet
327Kb / 8P
Optocoupler, Phototransistor Output, Quad Channel, SSOP-16, Half Pitch Mini-Flat Package
24-Sep-2020
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
19-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com