Electronic Components Datasheet Search
  English  ▼

X  

THS4504D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4504D
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4504D Datasheet(HTML) 2 Page - Texas Instruments

  THS4504D Datasheet HTML 1Page - Texas Instruments THS4504D Datasheet HTML 2Page - Texas Instruments THS4504D Datasheet HTML 3Page - Texas Instruments THS4504D Datasheet HTML 4Page - Texas Instruments THS4504D Datasheet HTML 5Page - Texas Instruments THS4504D Datasheet HTML 6Page - Texas Instruments THS4504D Datasheet HTML 7Page - Texas Instruments THS4504D Datasheet HTML 8Page - Texas Instruments THS4504D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
THS4504
THS4505
SLOS363C – AUGUST 2002 – REVISED MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±V
S
Output current, IO
150 mA
Differential input voltage, VID
4 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ
150
°C
Maximum junction temperature, continuous operation, long-term reliability, TJ(2)
125
°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
PACKAGE
Θ
JC (°C/W)
Θ
JA(°C/W)
(1)
TA≤ 25°C
TA = 85°C
D (8 pin)
38.3
97.5
1.02 W
410 mW
DGN (8 pin)
4.7
58.4
1.71 W
685 mW
DGK (8 pin)
54.2
260
385 mW
154 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and long
term reliability.
MIN NOM
MAX
UNIT
Dual supply
±5 ±7.5
Supply voltage
V
Single supply
4.5
5
15
Operating free-air temperature, TA
-40
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com