Electronic Components Datasheet Search
  English  ▼

X  

2030-42T-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2030-42T-SM-RPLF
Description  Fast Acting 3-Electrode Miniature Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2030-42T-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2030-42T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2030-42T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2030-42T-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
7.3 ± 0.3
(.287 ± .012)
0.9 ± 0.3
(.035 ± .012)
0.5 ± 0.3
(.020 ± .012)
0.7 ± 0.3
(.028 ± .012)
5.0 ± 0.3
(.197 ± .012)
7.5 ± 0.2
(.295 ± .008)
1.3 ± 0.13
(.051 ± .005)
0.5 ± 0.13
(.020 ± .005)
0.7 ± 0.2
(.028 ± .008)
Product Dimensions
How to Order
2030 - xxT - SM - RP LF
Model Number Designator
Voltage
23 = 185 V
42 = 360 V
Surface Mount
Packaging Options
Blank = Bulk Packaging - 250 pcs./bag, 1,000 pcs./box (Standard)
RP = Reelpack - (Optional)
RP2 = Reelpack - (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
Recommended Pad Layout
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2030-23T-SM
2030-42T-SM
3.3
DIMENSIONS: MILLIMETERS
8.2
1.6
5.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com