Electronic Components Datasheet Search
  English  ▼

X  

TPS60300 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60300
Description  SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60300 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60300 Datasheet HTML 1Page - Texas Instruments TPS60300 Datasheet HTML 2Page - Texas Instruments TPS60300 Datasheet HTML 3Page - Texas Instruments TPS60300 Datasheet HTML 4Page - Texas Instruments TPS60300 Datasheet HTML 5Page - Texas Instruments TPS60300 Datasheet HTML 6Page - Texas Instruments TPS60300 Datasheet HTML 7Page - Texas Instruments TPS60300 Datasheet HTML 8Page - Texas Instruments TPS60300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS60300, TPS60301, TPS60302, TPS60303
SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP
SLVS302A – DECEMBER 2000 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Output 1 (OUT1) can deliver a maximum of 40 mA, from a 1-V input, with output 2 (OUT2) not loaded. OUT2
can deliver a maximum of 20 mA, from a 1-V input, with OUT1 not loaded. Both outputs can be loaded in the
same time, but the total output current of the first voltage doubler must not exceed 40 mA. For example, the load
at OUT1 is 20 mA and the load at output 2 is 10 mA.
The devices operate in the newly developed LinSkip mode. In this operating mode, the device switches
seamlessly from the power saving, pulse-skip mode at light loads, to the low-noise, constant-frequency
linear-regulation mode, once the output current exceeds the device-specific output current threshold.
A power-good function supervises the output voltage of OUT2 and can be used for power up and power down
sequencing. Power good (PG) is offered as either open-drain or push-pull output.
AVAILABLE OPTIONS
PART
NUMBER†
MARKING DGS
PACKAGE
OUTPUT
CURRENT 1
[mA]‡
OUTPUT
CURRENT 2
[mA]§
OUTPUT
VOLTAGE 1
[V]
OUTPUT
VOLTAGE 2
[V]
FEATURE
TPS60300DGS
ALF
40
20
2 x VIN
3.3
Open-drain power-good output
TPS60301DGS
ALG
40
20
2 x VIN
3.0
Open-drain power-good output
TPS60302DGS
ALI
40
20
2 x VIN
3.3
Push-pull power-good output
TPS60303DGS
ALK
40
20
2 x VIN
3.0
Push-pull power-good output
† The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS60300DGSR) to order quantities of 2500 devices per reel.
‡ If OUT2 is not loaded
§ If OUT1 is not loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com