Electronic Components Datasheet Search
  English  ▼

X  

B080MB5S Datasheet(PDF) 1 Page - Knowles Electronics

Part # B080MB5S
Description  2 to 18 GHz SM Bandpass Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

B080MB5S Datasheet(HTML) 1 Page - Knowles Electronics

  B080MB5S Datasheet HTML 1Page - Knowles Electronics B080MB5S Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9629-1/15
Phone: +1.315.655.8710 | Email: DLISales@knowles.com | www.dilabs.com
2 to 18 GHz SM Bandpass Filters
Part numbers B028RF2S to B148QF0S
Description
Utilizing DLI’s high permittivity, NP0 ceramics allow for small
size, temperature stable performance over frequency and
high reliability in environmentally challenging conditions. This
series of bandpass filters was designed to span the popular
2-18 GHz frequency range. The compact size and surface
mount attachment allow for low cost of manufacturing
without sacrificing performance and repeatability. Designed
for use on PCB 8-12 mils thick with a permittivity of 3.0-3.8.
Features
• Small Size
• Fully Shielded Component
• Frequency Stable over Temperature
• Operating Temp: -55˚C to +125˚C
Specifications
Part
Number
Center
Frequency Passband
Insertion
Loss (@Fc)
VSWR
50Ω
System
Rejection
Length
Inches
(mm)
Width
Inches
(mm)
Height
Inches
(mm)
@ 25ºC -40ºC to
+85ºC
B028RF2S
3 GHz
2 to
4 GHz
2.5 dB
3.0 dB
1.63:1
2 to 4 GHz
dc to 1.25 GHz
(40 dB)
4.85 to 6 GHz
(40 dB)
0.450
(11.43)
0.400
(10.16)
0.113
(2.87)
B033ND5S
3.3 GHz
3.1 to
3.5 GHz
2.0 dB
3.2 dB
2.0:1
3.1 to 3.5 GHz
dc to 2.6 GHz
(30 dB)
4 to 6 GHz
(40 dB)
0.393
(9.98)
0.353
(8.97)
0.128
(3.25)
B056RC4S
6 GHz
4 to
8 GHz
3.0 dB
3.5 dB
1.5:1
4 to 8 GHz
dc to 3 GHz
(40 dB)
9.5 to 12 GHz
(40 dB)
0.450
(11.43)
0.230
(5.84)
0.100
(2.54)
B096QC2S
10 GHz
8 to
12 GHz
2.5 dB
3.0 dB
2.0:1
8 to 12 GHz
dc to 6 GHz
(40 dB)
14 to 18 GHz
(40 dB)
0.400
(10.86)
0.180
(4.57)
0.100
(2.54)
B148QF0S
15 GHz
12 to
18 GHz
3.6 dB
3.6 dB
1.63:1
12 to 18 GHz
dc to 7.6 GHz
(40 dB)
22.5 to 25 GHz
(30 dB)
0.550
(13.97)
0.150
(3.81)
0.098
(2.49)


Similar Part No. - B080MB5S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
B080MB5S DILABS-B080MB5S Datasheet
188Kb / 2P
8GHz Surface Mount Bandpass Filter
logo
Knowles Capacitors All ...
B080MB5S JOHANSONMANUFACTURING-B080MB5S Datasheet
894Kb / 5P
8.0GHz Surface Mount Bandpass Filter
Feb 2024
B080MB5S-T JOHANSONMANUFACTURING-B080MB5S-T Datasheet
894Kb / 5P
8.0GHz Surface Mount Bandpass Filter
Feb 2024
More results

Similar Description - B080MB5S

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
AFL05158 DILABS-AFL05158 Datasheet
370Kb / 3P
12 to 18 GHz Bandpass Filter
AFL05290 DILABS-AFL05290 Datasheet
438Kb / 3P
2 to 4 GHz Bandpass Filter
logo
Pasternack Enterprises,...
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
2 GHz to 18 GHz Frequency Range
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
2 GHz to 18 GHz Frequency Range
logo
Dielectric Laboratories...
B028RF2S DILABS-B028RF2S_15 Datasheet
406Kb / 3P
2 to 4 GHz Bandpass Filter
B148QF0S DILABS-B148QF0S_15 Datasheet
377Kb / 3P
12 to 18 GHz Bandpass Filter
logo
Knowles Electronics
B012MD5S KNOWLES-B012MD5S Datasheet
2Mb / 2P
2 to 18 GHz SM Bandpass Filters
B028RF2S KNOWLES-B028RF2S Datasheet
406Kb / 3P
2 to 4 GHz Bandpass Filter
B148QF0S KNOWLES-B148QF0S Datasheet
377Kb / 3P
B148QF0S 12 to 18 GHz Bandpass Filter
logo
Mini-Circuits
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
Bandpass Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com