Electronic Components Datasheet Search
  English  ▼

X  

HMS05-P Datasheet(PDF) 3 Page - LEM

Part # HMS05-P
Description  Current Transducer HMS 5..20-P
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HMS05-P Datasheet(HTML) 3 Page - LEM

  HMS05-P Datasheet HTML 1Page - LEM HMS05-P Datasheet HTML 2Page - LEM HMS05-P Datasheet HTML 3Page - LEM HMS05-P Datasheet HTML 4Page - LEM HMS05-P Datasheet HTML 5Page - LEM HMS05-P Datasheet HTML 6Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
110512/13
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 3/6
Dimensions HMS 5..20-P (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
● General tolerance
(unless otherwise stated)
± 0.5 mm
Dimensions do not include deformation such as warp
age.
Remarks
●
V
OUT is positive when IP flows from terminal 5 (IN) to
terminal 6 (OUT).
● Temperature of the primary conductor should not exceed
100°C.
Dimensions HMS 5..20-P (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
• General tolerance
(unless otherwise stated)
± 0.2 mm
Dimension does not include deformation such as warp.
Remarks
• V
OUT is positive when IP flows from terminal 5 (IN) to
terminal 6 (OUT).
• Temperature of the primary conductors should not
exceed 100°C.
Tim e
180 +/-3 0s ec.
60 +/-15sec
Peak 250deg (5 sec m ax.)
245 +/- 5deg
2 to 5 deg/sec
2 to 5 deg/sec
150deg
180deg
P b-free reflow profile
4 to 8 deg/sec
Recommended connection circuit
HMS 05-P
47nF
47nF
5V
0V
Output
V Ref.
4.7nF
IN/OUT
Operation Principle
+Vc
Vout
Vref.(IN/OUT)
0V
(*)
(*)
preliminary. will be 260 deg (5 sec max.) in final version.
(1)
(2)
(3)
(4)
080908/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/4
A
B
TURNS
HMS 05-P
HMS 10-P
0.65 t
1.6 w
4 t
HMS 15-P
HMS 20-P
1.2 t
2.2 w
2 t
Solder reflow patterns
Solder reflow patterns
Dimensions HMS 5..20-P (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
• General tolerance
(unless otherwise stated)
± 0.2 mm
Dimension does not include deformation such as warp.
Remarks
• V
OUT is positive when IP flows from terminal 5 (IN) to
terminal 6 (OUT).
• Temperature of the primary conductors should not
exceed 100°C.
Tim e
180 +/-3 0s ec.
60 +/-15sec
Peak 250deg (5 sec m ax.)
245 +/- 5deg
2 to 5 deg/sec
2 to 5 deg/sec
150deg
180deg
P b-free reflow profile
4 to 8 deg/sec
Recommended connection circuit
HMS 05-P
47nF
47nF
5V
0V
Output
V Ref.
4.7nF
IN/OUT
Operation Principle
+Vc
Vout
Vref.(IN/OUT)
0V
(*)
(*)
preliminary. will be 260 deg (5 sec max.) in final version.
(1)
(2)
(3)
(4)
080908/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/4
A
B
TURNS
HMS 05-P
HMS 10-P
0.65 t
1.6 w
4 t
HMS 15-P
HMS 20-P
1.2 t
2.2 w
2 t
Solder reflow patterns
260
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com