Electronic Components Datasheet Search
  English  ▼

X  

ILQ55 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILQ55
Description  Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ55 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILQ55 Datasheet HTML 1Page - Vishay Siliconix ILQ55 Datasheet HTML 2Page - Vishay Siliconix ILQ55 Datasheet HTML 3Page - Vishay Siliconix ILQ55 Datasheet HTML 4Page - Vishay Siliconix ILQ55 Datasheet HTML 5Page - Vishay Siliconix ILQ55 Datasheet HTML 6Page - Vishay Siliconix ILQ55 Datasheet HTML 7Page - Vishay Siliconix ILQ55 Datasheet HTML 8Page - Vishay Siliconix ILQ55 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IL30, ILD55, ILQ30, ILQ31, ILQ55
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 28-Jul-14
4
Document Number: 83621
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - hFE Current Gain vs. Base Current
Fig. 6 - Low to High Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 7 - High to Low Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 8 - Switching Waveform
Fig. 9 - Switching Schematic
iil30_05
= 1 V
V
CE = 5 V
0.01
0.1
1
10
100
12 000
10 000
8000
6000
4000
2000
0
Base Current
V
CE
iil30_06
010
15
20
0
20
40
60
80
VCC = 5 V
Vth = 1.5 V
470
Ω
IF - LED Current (mA)
100
Ω
1 k
Ω
5
220
Ω
iil30_07
010
15
20
0
5
10
15
20
100
Ω
1 k
Ω
IF - LED Current (mA)
VCC = 5 V
Vth = 1.5 V
5
iil30_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
V TH = 1.5 V
iil30_09
VO
RL
VCC = 13.5 V
IF = 50 mA
F = 10 kHz,
DF = 50 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com