Electronic Components Datasheet Search
  English  ▼

X  

SP485 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 2 Page - Exar Corporation

  SP485 Datasheet HTML 1Page - Exar Corporation SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_SP485_0_0627
DESCRIPTION
FEATURES
• +5V Only
• Low Power BiCMOS
• Driver / Receiver Enable
• Slew Rate Limited Driver for Low EMI (SP483)
• Low Power Shutdown mode (SP483)
• RS-485 and RS-422 Drivers/Receivers
SP483 / SP485
Low Power Half-Duplex RS-485 Transceivers
The
SP483 and SP485 are a family of half-duplex transceivers that meet the specifications
of RS-485 and RS-422. Their BiCMOS design allows low power operation without sacrificing
performance. The
SP485 meets the requirements of RS-485 and RS-422 up to 5Mbps. Ad-
ditionally, the
SP483 is equipped with a low power Shutdown mode. The SP483 is internally
slew rate limited to reduce EMI and can meet the requirements of RS-485 and RS-422 up
to 250kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com