Electronic Components Datasheet Search
  English  ▼

X  

XRT75R12 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT75R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT75R12 Datasheet HTML 66Page - Exar Corporation XRT75R12 Datasheet HTML 67Page - Exar Corporation XRT75R12 Datasheet HTML 68Page - Exar Corporation XRT75R12 Datasheet HTML 69Page - Exar Corporation XRT75R12 Datasheet HTML 70Page - Exar Corporation XRT75R12 Datasheet HTML 71Page - Exar Corporation XRT75R12 Datasheet HTML 72Page - Exar Corporation XRT75R12 Datasheet HTML 73Page - Exar Corporation XRT75R12 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
XRT75R12
67
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.5
1
Change of LOS
Condition Interrupt
Enable
R/W
Change of the Receive LOS (Loss of Signal) Defect Condition Interrupt
Enable - Ch 0:
This READ/WRITE bit-field is used to enable or disable the Change of the
Receive LOS Defect Condition Interrupt. If the user enables this interrupt,
then the XRT75R12 will generate an interrupt any time any of the following
events occur.
• Whenever the Receive Section (within Channel n) declares the LOS
Defect Condition.
• Whenever the Receive Section (within Channel n) clears the LOS Defect
condition.
0 - Disables the Change in the LOS Defect Condition Interrupt.
1 - Enables the Change in the LOS Defect Condition Interrupt.
0
Change of DMO
Condition Interrupt
Enable
R/W
Change of Transmit DMO (Drive Monitor Output) Condition Interrupt Enable
- Ch n:
This READ/WRITE bit-field is used to enable or disable the Change of
Transmit DMO Condition Interrupt. If the user enables this interrupt, then
the XRT75R12 will generate an interrupt any time any of the following
events occur.
• Whenever the Transmit Section toggles the DMO output pin (or bit-field)
to "1".
• Whenever the Transmit Section toggles the DMO output pin (or bit-field)
to "0".
0 - Disables the Change in the DMO Condition Interrupt.
1 - Enables the Change in the DMO Condition Interrupt.
TABLE 31: XRT75R12 REGISTER MAP SHOWING INTERRUPT STATUS REGISTERS (ISR_n)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Change of FL
Condition
Interrupt Status
Ch_n
Change of LOL
Condition
Interrupt Status
Ch_n
Change of LOS
Condition
nterrupt Status
Ch_n
Change of DMO
Condition
Interrupt Status
Ch_n
RUR
RUR
RUR
RUR
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com