Electronic Components Datasheet Search
  English  ▼

X  

ASW208 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW208
Description  MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW208 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW208_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW208_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW208
5 ~ 6000 MHz MMIC Amplifier
(Supply Voltage = Device Voltage, TA = +25 C, Zo = 50 )
Parameters
Units
Typical
Frequency
MHz
50
900
2000
2700
3000
Gain
dB
21.0
21.0
19.0
17.0
16.2
S11
dB
-9
-14
-12
-11
-13
S22
dB
-18
-12
-12
-12
-11
Output IP31)
dBm
321)
372)
352)
332)
293)
Noise Figure
dB
5.2
1.6
1.7
1.9
2.4
Output P1dB
dBm
23
22
22
21
20
Current
mA
80
80
80
80
80
Device Voltage
V
+5.5
+5.5
+5.5
+5.5
+5.0
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
3) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
18
19
S11
dB
-9
-12
S22
dB
-9
-12
Output IP3
dBm
32
35
Noise Figure
dB
1.7
2.0
Output P1dB
dBm
20.5
22.0
Current
mA
60
80
100
Device Voltage
V
+5.5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)
+22 dBm
Thermal Resistance
62
C/W
Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
19 dB Gain at 2 GHz
22 dBm P1dB at 2 GHz
35 dBm Output IP3 at 2 GHz
1.7 dB NF at 2 GHz
MTTF > 100 Years
Single Supply
The ASW208, a gain block amplifier MMIC, has a
low noise, high gain, and high linearity over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 6 GHz. The amplifier is available in a
SOT89 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
ASW208
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias
500 ~ 3500 MHz (5.5 V)
500 ~ 3500 MHz (5 V)
IF, 50 ~ 450 MHz (5.5 V)
IF, 50 ~ 450 MHz (5 V)
3000 ~ 4500 MHz (5 V)
SMATV, 950 ~ 2150 MHz (5.5 V)
SMATV, 950 ~ 2150 MHz (5 V)
50 ~ 2600 MHz (5 V, 75 )
1000 ~ 2600 MHz
(5 V, 45 mA , 75
)
Application Circuit


Similar Part No. - ASW208_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
More results

Similar Description - ASW208_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com