Electronic Components Datasheet Search
  English  ▼

X  

ASW311 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASW311
Description  MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW311 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ASW311 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW311 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2014
ASW311
5 ~ 4000 MHz MMIC Amplifier
* Test Source : IS-95, 9 ch. Forward 30kHz Meas BW, 900 MHz /
750 kHz offset
* Test Source : IS-95, 9 ch. Forward 30kHz Meas BW, 2000 MHz /
750 kHz offset
CDMA ACPR – 1FA
WCDMA ACPR – 1FA
-2
0
2
4
6
8
10
12
141618
20
22
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
Output Channel Power (dBm)
-2
0
2
4
6
8
101214
16
1820
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
Output Channel Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com