Electronic Components Datasheet Search
  English  ▼

X  

TSL253 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL253
Description  PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL253 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL253 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL253 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSL253, TSL254
PRECISION HIGHSPEED LIGHT TOVOLTAGE CONVERTER
TAOS022 – JANUARY 2000
1
www.taosinc.com
t
t
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D Converts Light Intensity to Output Voltage
D High Irradiance Responsivity...Typically
60 mV/(
µW/cm2) at λ
p = 880 nm (TSL253)
D High Bandwidth
D Compact 3-Leaded Clear Plastic Package
D Low Dark (Offset) Voltage . . . 10 mV Max
At 25
°C, V
DD = 5 V
D Single-Supply Operation
D Wide Supply-Voltage Range . . . 2.7 V to
5.5 V
D Low Supply Current . . . 600 µA Typical at
VDD = 5 V
Description
The TSL253 and TSL254 are light-to-voltage optical converters, each combining a 1-mm-square photodiode
and a transimpedance amplifier (feedback resistor = 16 M
Ω, and 1 MΩ respectively) on a single monolithic IC.
Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. These devices use
silicon-gate CMOS technology that provides improved amplifier offset-voltage stability and low power
consumption.
Functional Block Diagram
Voltage
Output
+
–
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
t
t
Copyright
© 2000, TAOS Inc.
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
3
2
1
OUT
VDD
GND
SR PACKAGE
(FRONT VIEW)


Similar Part No. - TSL253

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TSL253R-LF TAOS-TSL253R-LF Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL253RSM-LF TAOS-TSL253RSM-LF Datasheet
157Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results

Similar Description - TSL253

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
405Kb / 10P
High Precision Temperature-to-Voltage Converter
2002
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
Microchip Technology
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
logo
ams AG
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com