Electronic Components Datasheet Search
  English  ▼

X  

TSL254 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL254
Description  PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL254 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL254 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL254 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL253, TSL254
PRECISION HIGHSPEED LIGHT TOVOLTAGE CONVERTER
TAOS022 – JANUARY 2000
2
www.taosinc.com
t
t
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 880 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 2 and 3)
PARAMETER
TEST CONDITIONS
TSL253
TSL254
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
10
10
mV
VOM
Maximum output voltage swing
Ee = 2 mW/cm2
3
3.5
3
3.5
V
V
Output voltage
Ee = 35 µW/cm2
1.6
2
2.4
V
VO
Output voltage
Ee = 595 µW/cm2
1.6
2
2.4
V
α
Temperature coefficient of output
300 nm <
λ < 700 nm
–0.2
–0.2
%/
°C
αvo
Tem erature coefficient of out ut
voltage (VO)
λp = 880 nm
0.05
0.05
%/
°C
Ne
Irradiance responsivity
60
3.5
mV/(
µW/cm2)
Power supply rejection, dc
60
60
dB
Power supply rejection, ac
fac = 1 kHz
18
44
dB
IDD
Supply current
0.6
1.5
0.6
1.5
mA
NOTES: 2. The input irradiance Ee is supplied by a GaAlAs infrared-emitting diode with λp = 880 nm.
3. Irradiance responsivity is characterized over the range VO = 0.05 to 3 V.
Switching Characteristics at TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL253
TSL254
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VDD = 5 V,
λp = 880 nm
7.5
2
µs
tf
Output pulse fall time
VDD = 5 V,
λp = 880 nm
7.5
2
µs
f = 100 Hz
3
1.7
Vn
Output noise voltage
VDD = 5 V
f = 1 kHz
3
1
µV/√Hz
n
g
DD
f = 10 kHz
6
1.3
µ √



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com