Electronic Components Datasheet Search
  English  ▼

X  

ULN200X Datasheet(PDF) 2 Page - STMicroelectronics

Part # ULN200X
Description  SEVEN DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN200X Datasheet(HTML) 2 Page - STMicroelectronics

  ULN200X Datasheet HTML 1Page - STMicroelectronics ULN200X Datasheet HTML 2Page - STMicroelectronics ULN200X Datasheet HTML 3Page - STMicroelectronics ULN200X Datasheet HTML 4Page - STMicroelectronics ULN200X Datasheet HTML 5Page - STMicroelectronics ULN200X Datasheet HTML 6Page - STMicroelectronics ULN200X Datasheet HTML 7Page - STMicroelectronics ULN200X Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SCHEMATIC DIAGRAM
Series ULN-2001A
(each driver)
Series ULN-2002A
(each driver)
Series ULN-2003A
(each driver)
Series ULN-2004A
(each driver)
THERMAL DATA
Symbol
Parameter
DIP16
SO16
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
70
100
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
arameter
Value
Unit
Vo
Output Voltage
50
V
Vin
Input Voltage (for ULN2002A/D - 2003A/D - 2004A/D)
30
V
Ic
Continuous Collector Current
500
mA
Ib
Continuous Base Current
25
mA
Tamb
Operating Ambient Temperature Range
– 20 to 85
°C
Tstg
Storage Temperature Range
– 55 to 150
°C
Tj
Junction Temperature
150
°C
ULN2001A - ULN2002A - ULN2003A - ULN2004A
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com