Electronic Components Datasheet Search
  English  ▼

X  

UPB582B Datasheet(PDF) 2 Page - NEC

Part # UPB582B
Description  DIVIDE-BY-4 PRESCALER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB582B Datasheet(HTML) 2 Page - NEC

  UPB582B Datasheet HTML 1Page - NEC UPB582B Datasheet HTML 2Page - NEC UPB582B Datasheet HTML 3Page - NEC UPB582B Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPB582A, UPB582B, UPB582C
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
-0.5 to 6.0
VIN
Input Voltage
V
-0.5 to VCC +0.5
PIN
Input Power
dBm
+10
PD
Total Power Dissipation
UPB582B2
mW
1500
UPB582A
mW
750
UPB582C
mW
600
TOP
Operating Temperature
UPB582B
°C
-55 to +125
UPB582A, C
°C
-55 to +85
TSTG
Storage Temperature
UPB582B
°C
-65 to +200
UPB582A
°C
-55 to +200
UPB582C
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. TA = Absolute Maximum Operating Temperature.
SYMBOL
PARAMETER
UNITS
RATINGS
VCC
Supply Voltage
V
4.5 to 5.5
TOP
Operating Temperature
UPB582B
°C
-40 to +85
UPB582A, C
°C
-20 to +75
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
Frequency, f (GHz)
UPB582A
INPUT POWER vs. FREQUENCY
UPB582B
INPUT POWER vs. FREQUENCY
UPB582B
INPUT POWER vs. FREQUENCY AND
TEMPERATURE
20
10
0
-10
-20
-30
0
0.5
1
1.5
2
2.5
3
3.5
VCC = 5 V
TA = 85˚C
TA = 25˚C
TA = -20˚C
TYPICAL PERFORMANCE CURVES
(VCC = 5 V, TA = 25
°C )
Note: Because of the high internal gain and gain compression of the
UPB582, this device is prone to self-oscillation in the absence of an RF
input signal. If the device will be used in an application where DC power
will be applied in the absence of an RF input signal, this self-oscillation
can be suppressed by any of the following means:
* Add a shunt resistor from the RF input line to ground. The
blocking capacitor should be between the resistor and the
UPB582, but physical separation should be minimized. Typically a
resistor value between 50 and 100 ohms will suppress the self-
oscillation.
* Apply a DC offset voltage of +3.0 volts to the INPUT pin. The
voltage source should be isolated from the INPUT pin by a series
1000 ohm resistor.
* Apply a DC offset voltage of +1.5 volts to the BYPASS pin. The
voltage source should be isolated from the BYPASS pin by a
series 1000 ohm resistor.
All these approaches reduce the input sensitivity of the UPB582 (by as
much as 3 dB for the example of a 50 ohm shunt resistor), but otherwise
have no affect on the reliability or other electrical characteristics of this
device.
20
-10
-30
0
0.5
1
1.5
2
2.5
3
3.5
-20
10
0
Guaranteed
Operating Window
40
30
20
10
0
-10
-20
-30
-40
0.5
1
25
PIN MAX
PIN MIN
Guaranteed Operating
Window
Offset from Carrier (Hz)
UPB582A
SSB PHASE NOISE vs.
OFFSET FROM CARRIER
Frequency, f (GHz)
10
100
1K
10K
100K
1M
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
fIN = 500 MHz
TA = 25˚C
1
Frequency, f (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com