Electronic Components Datasheet Search
  English  ▼

X  

VOL628A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOL628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL628A Datasheet(HTML) 3 Page - Vishay Siliconix

  VOL628A Datasheet HTML 1Page - Vishay Siliconix VOL628A Datasheet HTML 2Page - Vishay Siliconix VOL628A Datasheet HTML 3Page - Vishay Siliconix VOL628A Datasheet HTML 4Page - Vishay Siliconix VOL628A Datasheet HTML 5Page - Vishay Siliconix VOL628A Datasheet HTML 6Page - Vishay Siliconix VOL628A Datasheet HTML 7Page - Vishay Siliconix VOL628A Datasheet HTML 8Page - Vishay Siliconix VOL628A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VOL628A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Oct-15
3
Document Number: 82401
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit
Fig. 3 - Test Circuit and Waveforms
Note
• According to DIN EN 60747-5-5 (VDE 0884), § 7.4.3.8.2, (see figure 4). This optocoupler is suitable for safe electrical isolation only within the
safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = ± 1 mA, VCE = 5 V
VOL628A
CTR
50
-
600
%
VOL628A-1
CTR
40
-
80
%
VOL628A-2
CTR
63
-
125
%
VOL628A-3
CTR
100
-
200
%
VOL628A-4
CTR
160
-
320
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn on time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
ton
-6-
μs
Rise time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
tr
-3.5
-
μs
Turn off time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
toff
-5.5
-
μs
Fall time
VCC = 5 V, IC = 2 mA, RL = 100
Ω
tf
-5-
μs
isfh618a_13
V
OUT
V
CC = 5 V
R
L
±I
F
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Partial discharge test voltage - routine test
100 %, ttest = 1 s
Vpd
2kVpeak
Partial discharge test voltage - lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 4)
VIOTM
8kVpeak
Vpd
1.68
kVpeak
Maximum withstanding isolation voltage
t = 1 min
VISO
5000
VRMS
Insulation voltage
VIORM
1050
Vpeak
Insulation resistance
VIO = 500 VDC, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 VDC, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 VDC, Tamb
= 150 °C
(construction test only)
RIO
109
Ω
Safety rating - maximum input current
Isi
130
mA
Safety rating - maximum power dissipation
PSO
265
mW
Safety rating - maximum ambient temperature
Tsi
150
°C
Comparative tracking index
CTI
275
Clearance distance
8mm
Creepage distance
8mm
Insulation distance (internal)
0.4
mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com