Electronic Components Datasheet Search
  English  ▼

X  

SCS306AP Datasheet(PDF) 5 Page - Rohm

Part # SCS306AP
Description  SiC Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS306AP Datasheet(HTML) 5 Page - Rohm

  SCS306AP Datasheet HTML 1Page - Rohm SCS306AP Datasheet HTML 2Page - Rohm SCS306AP Datasheet HTML 3Page - Rohm SCS306AP Datasheet HTML 4Page - Rohm SCS306AP Datasheet HTML 5Page - Rohm SCS306AP Datasheet HTML 6Page - Rohm SCS306AP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Datasheet
SCS306AP
Electrical characteristic curves
Symplified forward characteristic model
b2
1.28E-06
/°C2
-1.10E-03
V/°C
b0
5.87E-02
b1
1.24E-04
/°C
Symbol
Typical Value
Unit
a0
9.66E-01
V
a1
10
100
1000
1.E-5
1.E-4
1.E-3
1.E-2
T
a=25ºC
Single Pulse
0
1
2
3
4
5
6
7
8
0
200
400
600
Fig.9 Surge non-repetitive forward current
vs. Pulse width (Sinusoidal waveform)
Pulse Width : PW [s]
Fig.10 Typical capacitance store energy
Reverse Voltage : V
R
[V]
Forward Voltage : V
F
Fig.11 Equivalent forward current curve
V
F = Vth + Rdiff IF
V
th (Tj) = a0 + a1 Tj
R
diff (Tj) = b0 + b1 Tj + b2 Tj
2
V
th
1/R
diff
T
j in ºC; -55 ºC < Tj <175 ºC ; IF <12A
5/5
2017.07 - Rev.D
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com