Electronic Components Datasheet Search
  English  ▼

X  

AN108 Datasheet(PDF) 4 Page - SMSC Corporation

Part # AN108
Description  capacitor Selection for Internal Regulator Output Pins
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

AN108 Datasheet(HTML) 4 Page - SMSC Corporation

  AN108 Datasheet HTML 1Page - SMSC Corporation AN108 Datasheet HTML 2Page - SMSC Corporation AN108 Datasheet HTML 3Page - SMSC Corporation AN108 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
USB97C223 and USB97C243 Capacitor Selection for Internal Regulator Output Pins
SMSC AN 10.8
Page 4
Rev. 12-16-03
APPLICATION NOTE
SMSC recommends the use of ceramic 10uF capacitors to meet the low ESR requirements of the regulator
output pins of the USB97C223. Ceramic capacitors typically have an ESR of < 0.1 Ohm.
Recommended Capacitors, or equivalent:
Kemet C0805C106K9PACTU (0805 Package)
Kemet C1206C106K9PACTU (1206 Package)
Panasonic ECJ-2FF0J106Z
(0805 Package)
Panasonic ECJ-2FF1A106Z
(0805 Package)
Tantalum capacitors that have low ESR specifications can also be used, but typically have an ESR closer to 0.5
Ohm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com