Electronic Components Datasheet Search
  English  ▼

X  

ZMD2000B Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ZMD2000B
Description  Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZMD2000B Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ZMD2000B Datasheet HTML 1Page - Red Lion Controls. Inc ZMD2000B Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Inside US: +1 (877) 432-9908
Bulletin No. ZMD-C
Outside US: +1 (717) 767-6511
Drawing No. LP0733
www.redlion.net
Released 2017-05-02
-1-
Model ZMD ‐ Miniature Length Sensor (Relplaces Model LSM)
DESCRIPTION 
Designed for light to medium duty sensing applications, the Miniature
Length Sensor, Model ZMD, is compact in size and easy to use.
It features a built-in spring-loaded torsion arm that provides a simple to
adjust torsion load, allowing the unit to be mounted in almost any
orientation, including upside down. Using a 6" or 200 mm wheel, the ZMD
can be used on almost any surface, while operating at speeds up to 3000
feet per minute. The housing is a durable, conductive composite material
that will eliminate static build up. Whether you need to measure speed,
position, or distances, the Model ZMD is the ideal solution. For other
pulse rates and/or wiring configurations, contact the factory for further
details.
OPEN COLLECTOR OUTPUT WIRING
The ZMD sensors have open collector outputs. An open collector
output brings the uncommitted collector of the encoder switching device
to the external world. Because the collector element is not associated
with the sensor supply voltage, the sensor output collector may be “pulled
up” to external voltages different than the encoder supply voltage (30
VDC maximum). NPN open collector outputs are current sinking devices.
An output signal will not be generated unless a pull-up resistor is
connected from the open-collector to the positive side of an external
supply. The same supply can be used for powering the unit and for the
pull-up resistor.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear
in the literature or on equipment must be observed to ensure personal
safety and to prevent damage to either the instrument or equipment
connected to it. If equipment is used in a manner not specified by the
manufacturer, the protection provided by the equipment may be impaired.
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
1. INPUT VOLTAGE: 4.75 to 28 VDC max for temperatures up to 85 ºC;
4.75 to 24 VDC for temperatures between 85 ºC to 100 ºC, reverse
polarity protected.
2. INPUT CURRENT: 100 mA max (65 mA typical) with no output load
3. OUTPUTS: NPN Open Collector Transistor, VOH = 30 VDC max.; 20
mA max. current. Incremental - Two square waves in quadrature with A
leading B for clockwise rotation, as viewed from the wheel side.
4. MAX FREQUENCY: 200 KHz standard
5. NOISE IMMUNITY: Tested to BS EN61000-6-2; BS EN50081-2; BS
EN61000-4-2; BS EN61000-4-3; BS EN61000-4-6, BS EN500811
(Tested with 2 meter cable)
6. SYMMETRY: 180º (±18º) electrical
7. QUAD. PHASING: 90º (±22.5º) electrical
8. MIN. EDGE SEP: 67.5º electrical
9. ACCURACY: Within 0.017º mechanical or 1 arc-minute from true
position. (for PPR>189)
MECHANICAL SPECIFICATIONS
1. MAXIMUM MECHANICAL SPEED: 6000 RPM. Higher speeds may be
achievable, contact the factory.
2. SHAFT MATERIAL: Stainless Steel
3. SHAFT TOLERANCE: +0.0000/-0.0004" (+0.000/-0.010 mm)
4. RADIAL SHAFT LOAD: 5 lb. max. Rated load of 2 to 3 lb for bearing
life of 1.2 x 10 10 revolutions
5. AXIAL SHAFT LOAD: 5 lb. max. Rated load of 2 to 3 lb for bearing life
of 1.2 x 10 10 revolutions
6. STARTING TORQUE: 0.05 oz-in
7. ELECTRICAL CONNECTION: 2 meter Cable, (foil and braid shield, 24
AWG conductors). Drain wire internally connected to case.
WARNING - EXPLOSION HAZARD - DO NOT D
EQUIPMENT UNLESS POWER HAS BEEN SW
OR AREA IS KNOWN TO BE NON-HAZARDOU
CAUTION: Risk of Danger.
Read complete instructions prior to installation
and operation of the unit.
FUNCTION
WIRE COLOR
+VDC
Red
Com
Black
AWhite
BGreen
Shield
Bare
• COMPACT SIZE
• QUADRATURE OUTPUT
• BUILT-IN SPRING TENSIONING
• VERTICAL, HORIZONTAL, OR UPSIDE-DOWN MOUNTING
• REDUCES INSTALLATION TIME
• VARIOUS MEASURING WHEELS AVAILABLE
DIMENSIONS In inches (mm)
6.000 CIRCUMFERENCE (ordered separately)
Metric wheel available
"L"
SIDE
Ø0.2498 (Ø6.345)
1/4 - 20 THREADS
SHAFT CAN BE REVERSED FOR
MOUNTING FROM EITHER SIDE
"R"
SIDE
CABLE LENGTH
2 meter STANDARD
TORQUE ADJUSTMENT
UNDER RUBBER CAP
Ø
1.71 (43.4)
1.00 (25.3)
1.3 (33)
TYPICAL
0.740 (18.8)
0.100 (2.54)
"R" SIDE
0.60 (15.2)
0.50 (12.6)
0.24 (6)
"L" SIDE
3.13 (79.6)
2.500 (63.5)
Tolerance: x.xxx" = ±0.005"
x.xx" = ±0.01"


Similar Part No. - ZMD2000B

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZMD2000B REDLION-ZMD2000B Datasheet
846Kb / 2P
Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
More results

Similar Description - ZMD2000B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
AEP Model UK Model
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
US Model, Canadian Model, Mexican Model
logo
Voltage Multipliers Inc...
1N5554 VMI-1N5554 Datasheet
48Kb / 1P
Spice Model
1N5623 VMI-1N5623 Datasheet
44Kb / 1P
Spice Model
logo
Red Lion Controls. Inc
ZMD0500B REDLION-ZMD0500B Datasheet
846Kb / 2P
Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD2000B REDLION-ZMD2000B Datasheet
846Kb / 2P
Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
ZMD2500B REDLION-ZMD2500B Datasheet
846Kb / 2P
Model ZMD ??Miniature Length Sensor (Relplaces Model LSM)
logo
Banner Engineering Corp...
SIM-525T BANNER-SIM-525T Datasheet
399Kb / 3P
Model SIM-525T Sensor Interface Module
logo
Red Lion Controls. Inc
HESS0000 REDLION-HESS0000 Datasheet
109Kb / 1P
MODEL HESS - HALL EFFECT SPEED SENSOR
2012
logo
Advantech Co., Ltd.
ICAM-220 ADVANTECH-ICAM-220 Datasheet
300Kb / 1P
AI Vision Sensor with OCR Model
4-May-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com