Electronic Components Datasheet Search
  English  ▼

X  

S89130 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S89130
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89130 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S89130 Datasheet HTML 9Page - Seiko Instruments Inc S89130 Datasheet HTML 10Page - Seiko Instruments Inc S89130 Datasheet HTML 11Page - Seiko Instruments Inc S89130 Datasheet HTML 12Page - Seiko Instruments Inc S89130 Datasheet HTML 13Page - Seiko Instruments Inc S89130 Datasheet HTML 14Page - Seiko Instruments Inc S89130 Datasheet HTML 15Page - Seiko Instruments Inc S89130 Datasheet HTML 16Page - Seiko Instruments Inc S89130 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Rev.1.0_01
S-89130/89140 Series
13
8. Voltage gain (open loop)
RF
RS
RS
RF
+
−
VCMR
= VDD / 2
1 M
Ω
VOUT
VM
VDD / 2
VDD
−
+
VDDN
VSSN
NULL
D.U.T
Figure 12
• Voltage-gain (open loop) (AVOL)
The voltage gain (AVOL) can be calculated by the following expression, with measured VOUT at each VM.
Test conditions:
VM
= VDD − 0.5 V: VM = VM1, VOUT = VOUT1,
VM
= 0.5 V: VM = VM2, VOUT = VOUT2
AVOL
= 20 log
VM1
− VM2
VOUT1
− VOUT2 ×
RF
+ RS
RS
9. Slew rate (SR)
Measured by the voltage follower circuit.
VOUT (
= IN(−))
IN(
+) = VCMR Max.
IN(
+) = 0 V
tTHL
VCMR Max.
× 0.9
tR
= tF = 20 ns (0 V to VCMR Max.)
tTLH
VOUT (
= IN(−))
VCMR Max.
VCMR Max.
× 0.1
SR
=
VCMR Max.
× 0.8
tTLH
SR
=
VCMR Max.
× 0.8
tTHL
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com