Electronic Components Datasheet Search
  English  ▼

X  

ZRL2048Z Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ZRL2048Z
Description  MODEL ZR - C-FACE ENCODER WITH LINE DRIVER OUTPUT FOR MOTOR FEEDBACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZRL2048Z Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ZRL2048Z Datasheet HTML 1Page - Red Lion Controls. Inc ZRL2048Z Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOUNTING INSTRUCTIONS
Mounting Kit Items Included:
4 ea. - 3/8" 16 x 1.0" Length Socket Head Cap Screws,
Black Alloy.
4 ea. - 3/8" High Collar Spring Lock washer, Steel Zinc.
1 ea. 3/32" Hex Allen Wrench, Long arm.
Note: The ZR encoder can mount to many types of C face devices. In
these mounting instructions, we will refer to the device as a motor.
Step 1
After carefully unpacking the unit, inspect to insure the motor
shaft is the correct size and free of all burrs or aberrations. Slide the
ZR Encoder over the motor shaft. DO NOT USE EXCESSIVE
FORCE: There is a rubber O-ring in the Encoder locking collar that
will provide a small amount of resistance as it engages the shaft. If
the encoder does not slide easily See Note 1 below.
Step 2
Install the four 3/8" 16 x 1.0" socket head cap screws with lock washers
through the holes in the Encoder C face and tighten securely to the motor.
Step 3
Insure the shaft locking collar is flush with the Encoder cover plate. Prevent
the motor shaft from turning (See Note 2 for additional information) and
tighten the four 4-40 Allen head cap screws in the locking collar evenly in a
crossing pattern. See Figure 1. Make sure the screws are securely tightened and
the front of the locking collar remains flush with the encoder cover plate. If the
collar does not turn true when the motor shaft is rotated, loosen the four screws
and repeat the procedure.
In Case of Difficulty:
Note 1: Make sure the four 4-40 Allen head cap screws in the front of the
Encoder locking collar are loose and the collar is not cocked or jammed.
Clean the shaft of any burrs using fine crocus cloth. The O- ring in the
Encoder locking collar may need a small amount of additional lubrication.
Note 2: When tightening the screws in the locking collar avoid holding the
motor shaft with anything that may scar or burr the shaft.
SHAFT LOCKING
COVER PLATE
4-40 ALLEN CAP SCREWS
3/8" - 16 X 1.0" SCREWS
(4) PLACES TYPICAL
(4) PLACES TYPICAL
COLLAR
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and
workmanship for a period limited to two years from the date of shipment, provided the
products have been stored, handled, installed, and used under proper conditions. The
Company’s liability under this limited warranty shall extend only to the repair or
replacement of a defective product, at The Company’s option. The Company disclaims
all liability for any affirmation, promise or representation with respect to the products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify
RLC against damages, claims, and expenses arising out of subsequent sales of RLC
products or products containing components manufactured by RLC and based upon
personal injuries, deaths, property damage, lost profits, and other matters which Buyer,
its employees, or sub-contractors are or may be to any extent liable, including without
limitation penalties imposed by the Consumer Product Safety Act (P.L. 92-573) and
liability imposed upon any person pursuant to the Magnuson-Moss Warranty Act (P.L.
93-637), as now in effect or as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products
except those expressly contained herein. The Customer acknowledges the disclaimers
and limitations contained herein and relies on no other warranties or affirmations.
ORDERING INFORMATION
MODEL NO.
DESCRIPTION
PPR
BORE SIZE
CONNECTION PART NUMBER
ZRJ
NEMA C
Face Encoder
56C to 184C
(Must select proper
bore size)
1024
0.625
MS 10-Pin
ZRJ1024Z
2048
0.625
MS 10-Pin
ZRJ2048Z
1024
0.625
36" Pigtail
ZRJ1024R
2048
0.625
36" Pigtail
ZRJ2048R
ZRL
1024
1.0
MS 10-Pin
ZRL1024Z
2048
1.0
MS 10-Pin
ZRL2048Z
1024
1.0
36" Pigtail
ZRL1024R
2048
1.0
36" Pigtail
ZRL2048R
Only factory stocked part numbers are listed. Consult Factory for part number
and availability of other PPR and output configurations.
ACCESSORIES
MODEL NO.
DESCRIPTION
PART NUMBER
CCBRPG
10-Pin MS Connector
CCBRPG04
10-Pin MS Connector with 10 ft 24 AWG
5 Conductor Cable w/drain
CCBRPG05
10-Pin MS Connector with 20 ft 24 AWG
5 Conductor Cable w/drain
CCBRPG06
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 101, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113-3688
Fax +86 21 6113-3683
Red Lion Controls
Europe
Printerweg 10
NL - 3821 AD Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
54, Vishvas Tenement
GST Road, New Ranip,
Ahmedabad-382480 Gujarat, India
Tel +91 987 954 0503
Fax +91 79 275 31 350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com